d a01s s eries 1 w dc/dc conve rter, d ip - package, high isolation ds_ d a 01s_ 0 3152012 e - mail : dcdc @ d elta.com.tw http:// www.delta.com.tw/dcdc p1 features ? efficiency up to 79% ? d ip package with industry standard pinout ? high isolation voltage 3 000vdc ? temperature performance - 40 to +75 ? > 2 mhours mtbf ? internal smd platform ? lead free, rohs compliant ? 12 standard models ? 3 years product warranty the da01s series are miniature, dip package, isolated 1w dc/dc converters with 3,000vdc isolation. it allows a wide operating temperatur e range of C 40c to +75c. these isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these co nverters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. model list output current input current efficiency ( typ.) input voltage ( range) output voltage max. min. @max. load @no load load regulation max. apacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) % (max.) uf % da01s0505 a 5 200 4 290 11 69 da01s0509 a 9 110 2 260 8 76 da01s0512 a 12 84 1.5 262 7 77 da01 s0515 a 5 ( 4.5 ~ 5.5) 15 67 1 257 30 6 33 78 da01s1205 a 5 200 4 117 9 71 da01s1209 a 9 110 2 107 5 77 da01s1212 a 12 84 1.5 106 5 79 da01s1215 a 12 ( 10.8 ~ 13.2) 15 67 1 106 13 4 33 79 da01s2405 a 5 200 4 60 8 70 da01s2409 a 9 110 2 54 5 76 da01s2412 a 12 84 1.5 53 4 79 da01s2415 a 24 ( 21.6 ~ 26.4) 15 67 1 53 10 4 33 79 input characteristics parameter model min. typ. max. unit 5v input models 4.5 5 5.5 12v input models 10.8 12 13.2 input voltage range 24v input models 21.6 24 26.4 5v input models - 0.7 --- 7 12v input models - 0.7 --- 15 input surg e voltage (1 sec. max.) 24v input models - 0.7 --- 28 vdc reverse polarity input current --- --- 0.3 a input filter internal capacitor internal power dissipation all models --- --- 450 mw
ds_ d a 01s_ 0 31520 12 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc o utput characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 3.0 % line regulation for vin change of 1% --- 1.2 1.5 % load regulation io=20% to 100% + - 11% max ripple & noise (20mhz) --- 100 150 m v p - p ripple & noise (20mhz) over line, load & temp. --- --- 200 mv p - p ripple & noise (20mhz) --- --- 15 mv rms temperature coefficient --- 0.01 0.02 %/ short circuit protection 0.5 second max. general characteristics parameter conditions min . typ. max. unit i/o isolation voltage (rated) 60 seconds 3000 --- --- vdc i/o isolation resistance 500 vdc 10 --- --- g i/o isolation capacitance 100khz, 1v --- 60 100 pf switching frequency 50 90 110 khz mtbf (calculated) mil - hdbk - 217f@25 , ground benign 2,000,000 --- --- hours recommended input fuse 5v input models 12v input models 24v input models 500ma slow - blow type 200ma slow - blow type 100ma slow - blow type environmental characteristics parameter conditions min. max. unit operating temp erature range (with derating) ambient - 40 +85 case temperature --- +90 storage temperature range - 50 +125 humidity (non condensing) --- 95 % rel. h cooling free - air convection lead temperature (1.5mm from case for 10sec.) --- 260 power derating curve o u t p u t p o w e r ( % ) o u t p u t p o w e r ( % ) ( 5v output only ) ( all other output ) notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0 - 20mhz. 3 thes e power converters require a minimum output loading to maintain specified regulation, operation under no - load conditions will not damage these modules; however they may not meet all specifications listed. 4 all dc/dc converters should be externally fused at the front end for protection. 5 specifications subject to change without notice. p 2
ds_ d a 01s_ 0 31520 12 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc package specifications mechanical dimensions pin connections pin function 1 - vin 4 +vin 5 +vout 7 - vout l =7.0 [0.28] for 5v & 12v inp ut models l =8.0 [0.31] for 24v input models ? all dimensions in mm (inches) ? tolerance: x.x 0.25 (x.xx0.01) x.xx 0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0. 05 (0.0 2 0.00 2 ) physical characteristics case size ( 5v&12v inp ut) : 12.7x7.0x10.2mm (0.50x0.28x0.40 inches) case size(24v input) : 12.7x8.0x10.2mm (0.50x0.31x0.40 inches) case material : non - conductive black plastic (flammability to ul 94v - 0 rated) weight(5v&12v input) : 1.3g weight(24v input) : 1.7g p 3 1 4 7 5 bottom view l 3 . 1 [ 0 . 1 2 ] 0 . 4 [ 0 . 0 2 ] 5.08 [0.20] 2.54 [0.10] 2.6 [0.10] 7 . 6 2 [ 0 . 3 0 ] 1 0 . 2 [ 0 . 4 0 ] 1 . 2 9 [ 0 . 0 5 ] 12.7 [0.50] 7.62 [0.30] 0.50 [0.02]
ds_ d a 01s_ 0 31520 12 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc part number ing system d a 01 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d - dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p - sip 02:2w d - dual 05: 5v 05: 5v s - smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a t hree ( 3 ) year s limited warranty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or othe rwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p 4
|